PART |
Description |
Maker |
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
EEFCD0J100ER EEFFD0G390R EEFFD0E560R EEFFD0D680R E |
SP-Cap/ Polymer Aluminum Capacitors CMOS Dual 8-Bit Buffered Multiplying DAC CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 82 uF, SURFACE MOUNT Specialty Polymer Aluminum Electrolytic Capacitor CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 56 uF, SURFACE MOUNT, 2917 Specialty Polymer Aluminum Electrolytic Capacitor CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 12.5 V, 10 uF, SURFACE MOUNT, 2917
|
Panasonic Semiconductor Panasonic, Corp. Panasonic Industrial Solutions
|
GBJ10K GBJ10A GBJ10B GBJ10D GBJ10G GBJ10J |
Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 4V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
PLF0E331MCO8 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 330uF; Voltage: 2.5V; Case Size: 6.3x8.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 330 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
NJG1516KC3-L1 NJG1516KC3-C6 NJG1516KC3-C3 NJG1516K |
E-Series 2-Way 180Power Divider 40 - 1000 MHz E系列280Σ功分40 - 1000兆赫 Aluminum Polymer-Layered Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 8.5x5.3 mm; Packaging: Bulk E系列280Σ功分40 - 1000兆赫 Aluminum Polymer-Layered Capacitor; Capacitance: 600uF; Voltage: 2.5V; Case Size: 16.7x12.5 mm; Packaging: Bulk Aluminum Polymer-Layered Capacitor; Capacitance: 220uF; Voltage: 2.5V; Case Size: 8.5x5.3 mm; Packaging: Bulk Aluminum Polymer-Layered Capacitor; Capacitance: 800uF; Voltage: 4V; Case Size: 16.7x12.5 mm; Packaging: Bulk Aluminum Polymer-Layered Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 8.5x5.3 mm; Packaging: Bulk
|
Pulse Engineering, Inc. New Japan Radio Co., Ltd. Tyco Electronics
|
NSPZ821M4V10X12.7TR15F NSPZ681M2.5V8X12.5TR15F NSP |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 820 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 680 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 1500 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 680 uF, SURFACE MOUNT ROHS COMPLIANT
|
NIC Components, Corp.
|
GBS4B GBS4M GBS4A GBS4D GBS4G GBS4J GBS4K |
Silicon-Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x12 mm; Packaging: Bulk
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
SPA151M02R SPA151M04R SPA151M0ER SPA331M02R SPA331 |
Solid Polymer Aluminum SMT Capacitors
|
Cornell Dubilier Electronics
|
HZA336M063F24VT-F |
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
|
Cornell Dubilier Electr...
|
UUJ1H471MNL1MS UUJ1H471MNL1ZD UUJ1H471MNL6ZD UUJ1H |
Aluminum Electrolytic SMT High Capacitance Capacitor; Capacitance: 470uF; Voltage: 50V; Case Size: 18x16.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 470 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 470 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Capacitance Capacitor; Capacitance: 47uF; Voltage: 160V; Case Size: 16x16.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 47 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 47 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
UUX1C221MNL1GS |
Aluminum Electrolytic SMT High Capacitance Range Capacitor; Capacitance: 220uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 220 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
FP-4R0CS151M-E0R015 FP-4R0CS221M-ER025 FP-4R0CS221 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 150 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 220 uF, SURFACE MOUNT CHIP, LEAD FREE
|
Fujitsu, Ltd.
|
|